Part Number Hot Search : 
PSMN0 NVZ6TLTA LT1078I MAX7420 B1048 TC74VCX 02000 3ADR2G
Product Description
Full Text Search
 

To Download K510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LOW LEVEL ZENER DIODES VERY LOW VOLTAGE, LOW LEAKAGE K120 - K510
* Conserves battery life * Unique manufacturing process * Provides lowest reverse leakage currents * Low impedance at currents specified at 10 mA and below
NOMINAL ZENER VOLTAGE Vz @ Iz = 10 mA (Vdc) 1.2 1.5 1.8 2.1 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 DYNAMIC IMPEDANCE MAX Zz MAX Zzk @ IZ = 10 mA @ IZ = 1 mA (OHMS) (OHMS) 20 125 20 125 20 125 20 125 20 125 20 125 20 125 20 125 20 125 20 125 25 135 25 135 25 135 REVERSE CURRENT @ 25 C MAX Ir Vr (A) (Vdc) .05 0.4 .05 0.5 .05 0.6 .05 0.9 .05 1.2 .05 1.7 .05 1.9 .05 2.2 .05 2.5 .05 2.7 .05 3.1 .05 3.5 .05 3.8
PART NUMBER K120 K150 K180 K210 K240 K270 K300 K330 K360 K390 K430 K470 K510
Package Style DC Power Dissipation Operating Temperature (Topr) Storage Temperature (Tstg) Voltage Tolerance: Other package syles available
@ Ta = 50 C
Standard Device
DO-7 250 mW -65 to + 175 C -65 to + 200 C 10%
P.O. BOX 609 * ROCKPORT, MAINE 04856 * 207-236-6076 * FAX 207-236-9558


▲Up To Search▲   

 
Price & Availability of K510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X